PART |
Description |
Maker |
HUF75307D3 HUF75307D3S HUF75307P3 HUF75307D3ST HUF |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 15A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 15A条(丁)|52AA 15A, 55V, 0.090 Ohm N-Channel UltraFET Power MOSFETs 15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs 15 A, 55 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 15A, 55V, 0.099 Ohm, N-Channel UltraFET Power MOSFETs 15 A, 55 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 15A/ 55V/ 0.090 Ohm/ N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AP6901GH-HF |
72 A, 30 V, 0.0062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, SDPAK-5
|
Advanced Power Electronics, Corp.
|
HUFA75309D3 HUFA75309D3S HUFA75309P3 HUFA75309D3ST |
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 19A/ 55V/ 0.070 Ohm/ N-Channel UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 19A I(D) | TO-252AA
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STB80NF55L-06 STB80NF55L-06T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-263AB N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
RLP1N06CLE |
1A/ 55V/ 0.750 Ohm/Voltage Clamping/ Current Limited/ N-Channel Power MOSFET 1A, 55V, 0.750 Ohm,Voltage Clamping, Current Limited, N-Channel Power MOSFET 1A, 55V, 0.750 Ohm,Voltage Clamping,Current Limited, N-Channel Power MOSFET(1A, 55V, 0.750 Ω,电压箝位,电流限定,N沟道功率MOS场效应管)
|
INTERSIL[Intersil Corporation]
|
STW80NF55-06 8138 |
N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFETII POWER MOSFET N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP150NF55 STB150NF55 STW150NF55 STB150NF55T4 |
N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D?PAK/TO-220/TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A DPAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET?/a> II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D??AK/TO-220/TO-247 STripFET??II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] ??????浣?
|
HUF75333S3S HUF75333P3 HUF75333G3 FN4362 |
From old datasheet system 66A/ 55V/ 0.016 Ohm. N-Channel UltraFET Power MOSFETs 66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
LOB1-R0523FI LOB1-R0221FI LOB1-R022JI LOB1-R00562F |
RESISTOR, 1 W, 1 %, 0.0523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0221 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00562 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00604 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0147 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0232 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0332 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00576 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0059 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00649 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00698 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00511 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0422 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.047 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0237 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0133 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0226 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00665 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0357 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00549 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00634 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00619 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0475 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00681 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
STD60NF55L STD60NF55L-1 STD60NF55LT4 |
N-CHANNEL 55V 0.012 OHM 60A DPAK STRIPFET POWER MOSFET N-CHANNEL 55V 0.012 OHM 60A DPAK STRIPFET POWER MOSFET N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET II POWER MOSFET N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|